| 전자부품 데이터시트 검색엔진 |
|
DS2406P 데이터시트(PDF) 5 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2406P 데이터시트(HTML) 5 Page - Dallas Semiconductor |
|
5 / 30 page ![]() DS2406 5 of 30 MEMORY MAP The DS2406 has two memory sections, called data memory and status memory. The data memory consists of 1024 bits of one-time programmable EPROM organized as 4 pages of 32 bytes each. The address range of the device’s status memory is 8 bytes. The first seven bytes of status memory (addresses 0 to 6) are implemented as EPROM. The eighth byte (address 7) consists of static RAM. The complete memory map is shown in Figure 5. The 8-bit scratchpad is an additional register that acts as a buffer when writing the memory. Data is first written to the scratchpad and then verified by reading a 16-bit CRC from the DS2406 that confirms proper receipt of the data and address. This process ensures data integrity when programming the memory. If the buffer contents are correct, the bus master should transmit a programming pulse (EPROM) or a dummy byte FFh (RAM) to transfer the data from the scratchpad to the addressed memory location. The details for reading and programming the DS2406 are given in the Memory Function Commands section. DS2406 MEMORY MAP Figure 5 8-Bit Scratchpad Page # Address Range Description 0 0000h to 001Fh 32-Byte final storage Data Memory 1 0020h to 003Fh 32-Byte final storage Data Memory 2 0040h to 005Fh 32-Byte final storage Data Memory 3 0060h to 007Fh 32-Byte final storage Data Memory Valid Device Settings (SRAM) 00 Factory Test Byte Redirection Bytes Bitmap of Used Pages Write-Protect Bits Data Memory DS2406 STATUS MEMORY MAP Figure 6 ADDRESS BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 0 (EPROM) BM3 BM2 BM1 BM0 WP3 WP2 WP1 WP0 1 (EPROM) 1 11111 Redir. 0 Redir. 0 2 (EPROM) 1 11111 Redir. 1 Redir. 1 3 (EPROM) 1 11111 Redir 2 Redir 2 4 (EPROM) 1 11111 Redir 3 Redir 3 5 (EPROM) EPROM Factory Test byte 6 (EPROM) Don’t care, always reads 00 7 (SRAM) Supply Indication (read only) PIO-B Channel Flip-flop PIO-A Channel Flip-flop CSS4 Channel Select CSS3 Channel Select CSS2 Source Select CSS1 Source Select CSS0 Polarity 1K-Bit EPROM 8 Bytes Status Memory |