전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPV310 데이터시트(PDF) 1 Page - OPTEK Technologies

부품명 OPV310
상세설명  Vertical Cavity Surface Emitting Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV310 데이터시트(HTML) 1 Page - OPTEK Technologies

  OPV310 Datasheet HTML 1Page - OPTEK Technologies OPV310 Datasheet HTML 2Page - OPTEK Technologies OPV310 Datasheet HTML 3Page - OPTEK Technologies OPV310 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09 / 09
Page 1 of 4
Vertical Cavity Surface Emitting Laser
OPV300, OPV310, OPV310Y,
OPV314, OPV314Y
Features:
•
850nm VCSEL Technology
•
Data rates up to 2.5 Gbps
•
High thermal stability
•
Low drive current / high output density
•
Narrow and concentric beam angle
•
Recommended for multimode fiber applications
•
Burned in for communication level reliability
Description:
The OPV300 / OPV310 / OPV314 series are high performance 850nm Vertical Cavity Surface Emitting Laser
(VCSEL). The OPV300 and OPV310 are designed to be utilized for sensing applications as well as air
transmission of data. The OPV314 is designed for high speed communication links. The OPV310 / OPV314
combine all the performance advantages of a VCSEL with the addition of a power monitor diode for precise
control of optical power. The OPV310 and OPV314 have a back monitor photodiode used for optical power
management or optical reception for data communication applications.
The OPV300 / OPV310 have a flat lens while the OPV314 has a microbead lens. Refer to mechanical
drawings for details.
The high performance 850nm VCSEL is designed for applications where low current is required with high on-
axis optical power. These product’s combine features including high speed, high output optical power and
concentric beam making it an ideal transmitter for integration into all types of data communications equipment
as well as for reflective and transmissive switches.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Operating Temperature Range
0°C to +70°C
Maximum Forward Peak Current, continuous
12 mA
Maximum Reverse Voltage
5 V
Max. Continuous Optical Power at 70° C
1.1 mW
Lead Soldering Temperature
260°C for 10 sec.
Storage Temperature Range
-40°C to +100°C
Maximum Forward Current, pulsed (1 µs P.W., 10% D.C.)
48 mA
Notes:
(1) Threshold Current is based on the two line intersection method specified in Telcordia
GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency is the slope of the best fit LI line from 5 mA to 8 mA using no larger
than .25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for
each adjacent pair of points.
Applications:
•
Fiber Channel
•
Gigabit Ethernet
•
ATM
•
VSR
•
Intra-System links
•
Optical backplane
interconnects
•
Reflective sensing
•
Interruptive sensing
•
Long distance spot
illumination
Pb
RoHS
Additional laser safety information can be found on
the Optek website. See application bulletin #221.
Classification is not marked on the device due to
space limitations. See package outline for center-
line of optical radiance. Operating devices beyond
maximum rating may result in hazardous radiation
exposure.


유사한 부품 번호 - OPV310

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OPV310 OPTEK-OPV310 Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV310 TTELEC-OPV310 Datasheet
849Kb / 7P
Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV310 OPTEK-OPV310 Datasheet
345Kb / 4P
Vertical Cavity Surface Emitting Laser in TO-46 Package
September 2003 Issue 3.2
OPV310Y OPTEK-OPV310Y Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV310Y TTELEC-OPV310Y Datasheet
849Kb / 7P
Vertical Cavity Surface Emitting Laser
More results

유사한 설명 - OPV310

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
Vertical Cavity Surface Emitting Laser in Lateral Package
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
Vertical Cavity Surface Emitting Laser in Pill Package
Sep-2003
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
Vertical Cavity Surface Emitting Laser in Pill Package
September 2003
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
Vertical Cavity Surface Emitting Laser
logo
Wurth Elektronik GmbH &...
159353940B1300 WURTH-159353940B1300 Datasheet
1Mb / 9P
WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353940A6300 WURTH-159353940A6300 Datasheet
1Mb / 9P
WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850A6300 WURTH-159353850A6300 Datasheet
1Mb / 10P
WL-VCSL Vertical Cavity surface emitting Laser
001.001
159353850B1300 WURTH-159353850B1300 Datasheet
1Mb / 10P
WL-VCSL Vertical Cavity surface emitting Laser
001.001
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com