전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPV310 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 OPV310
상세설명  Vertical Cavity Surface Emitting Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV310 데이터시트(HTML) 2 Page - OPTEK Technologies

  OPV310 Datasheet HTML 1Page - OPTEK Technologies OPV310 Datasheet HTML 2Page - OPTEK Technologies OPV310 Datasheet HTML 3Page - OPTEK Technologies OPV310 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09 / 09
Page 2 of 4
Vertical Cavity Surface Emitting Laser
OPV300, OPV310, OPV310Y,
OPV314, OPV314Y
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
POT
Total Power Out
OPV300 / OPB310
OPV314
1.50
1.40
mW
IF = 7 mA
ITH
Threshold Current
0.80
3.00
mA
Note 1
VF
Forward Voltage
1.60
2.20
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 2
ŋ
Slope Efficiency
0.28
0.60
mW/mA Note 3
Linearity
0.00
Note 4
λ
Wavelength
840
850
860
nm
∆λ
Optical Bandwidth
0.85
nm
θ
Beam Divergence (OPV300 / OPV310 only)
24
Degree IF = 7 mA , FWHM
tr/tf
Rise and Fall Time
100
ps
20% to 80%
NRI
Relative Intensity Noise
-123
dB/Hz
∆ITH
Temp Variance of Threshold Current
±1.0
mA
0° - 70° C, Note 1
∆λ/∆T
Temp Coefficient of Wavelength
0.06
%/°C
0° - 70° C, IF = 7 mA
∆VF∆T
Temperature Coefficient for VF
-2.5
mV/°C
0° - 70° C, IF = 7 mA
∆ŋ/∆T
Temperature Coefficient for Efficiency
-0.5
%/°C
0° - 70° C, Note 3
IRPD
Reverse Current, photodiode
30
nA
VR = 5 V
IM1
Monitor Current
OPV310
OPV314
30
40
µA
IF = 7 mA, VR = 5 V
IM2
Monitor Current
OPV310
OPV314
40
45
µA
PO = 2 mW, VR = 5 V
Photodiode Electrical Characteristics (OPV310/OPV314 series)
Electrical/Optical Characteristics (TA = 25°C unless otherwise noted)
NOTES:
(1) Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA.
Line 2 from 0 mA to 0.5 mA.
(2) Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3) Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA using no larger than .25 mA test interval points.
(4) Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each adjacent pair of points.
(5) ESD Class 1



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com