전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC3H4KJ0000F 데이터시트(PDF) 7 Page - Sharp Corporation

부품명 PC3H4KJ0000F
상세설명  Mini-flat Half Pitch Package, AC Input Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4KJ0000F 데이터시트(HTML) 7 Page - Sharp Corporation

Back Button PC3H4KJ0000F Datasheet HTML 3Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 4Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 5Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 6Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 7Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 8Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 9Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 10Page - Sharp Corporation PC3H4KJ0000F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Sheet No.: D2-A01502EN
0
150
100
50
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IF=1mA,VCE=5V
IF=5mA,VCE=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
−30
0
20
40
60
80
100
Ambient temperature Ta (˚C)
IF=20mA
IC=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
0
50
40
30
20
10
02468
10
Collector-emitter voltage VCE (V)
1mA
5mA
10mA
20mA
IF=30mA
PC (MAX.)
Ta=25˚C
Fig.8 Collector Current vs. Collector-emitter
Voltage
0
500
400
300
200
100
0.1
1
10
100
Forward current IF (mA)
VCE=5V
Ta=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
Ambient temperature Ta (˚C)
80
60
40
20
0
−30
100
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
10
−11
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.1
100
1 000
10
1
0.01
0.1
1
10
100
tr
td
tf
ts
Load resistance RL (kΩ)
VCE=2V
IC=2mA
Ta=25˚C
Fig.12 Response Time vs. Load Resistance
PC3H4J00000F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com