전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS147 데이터시트(PDF) 4 Page - CTS Corporation

부품명 ATS147
상세설명  Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS147 데이터시트(HTML) 4 Page - CTS Corporation

  ATS147 Datasheet HTML 1Page - CTS Corporation ATS147 Datasheet HTML 2Page - CTS Corporation ATS147 Datasheet HTML 3Page - CTS Corporation ATS147 Datasheet HTML 4Page - CTS Corporation ATS147 Datasheet HTML 5Page - CTS Corporation ATS147 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document No. 008-0309-0
Page 4 - 6
Rev. K
ATS/ATS-SM Series
Low Cost Quartz Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Frequency Range
3.2 MHz to 64.0 MHz
Operating Mode
Fundamental or 3rd Overtone
Crystal Cut
AT-Cut
Frequency Tolerance @ +25°C
± 30 ppm Standard *
Frequency Stability Tolerance
(Operating Temperature Range, Referenced to 25°C Reading)
-20°C to +70°C *
-40°C to +85°C Available, See Ordering Information
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Standard Part Numbers tables *
Shunt Capacitance (C0)
7.0 pF Maximum
Drive Level
100 µW Typical, 1,000 µW Maximum
Aging @ +25°C
±3 ppm/yr Typical, ±5 ppm/yr Maximum
Insulation Resistance
500 Ohms @ DC 100V
Storage Temperature Range
-40°C to +85°C
Reflow Condition, per JEDEC J-STD-020
+260°C Maximum, 10 Seconds Maximum
* Custom requirements may be available upon request.
± 50 ppm Standard *
Operating Temperature Range
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
OSCILLATION MODE ESR MAXIMUM
3.20 MHz - < 4.00 MHz
Fundamental
150 Ohms
4.00 MHz - < 5.00 MHz
Fundamental
120 Ohms
5.00 MHz - < 8.00 MHz
Fundamental
80 Ohms
8.00 MHz - < 12.00 MHz
Fundamental
60 Ohms
12.00 MHz - < 20.00 MHz
Fundamental
40 Ohms
20.00 MHz - < 30.00 MHz
Fundamental
30 Ohms
27.00 MHz - 64.00 MHz
3rd Overtone
80 Ohms



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com