전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS147 데이터시트(PDF) 6 Page - CTS Corporation

부품명 ATS147
상세설명  Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS147 데이터시트(HTML) 6 Page - CTS Corporation

  ATS147 Datasheet HTML 1Page - CTS Corporation ATS147 Datasheet HTML 2Page - CTS Corporation ATS147 Datasheet HTML 3Page - CTS Corporation ATS147 Datasheet HTML 4Page - CTS Corporation ATS147 Datasheet HTML 5Page - CTS Corporation ATS147 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document No. 008-0309-0
Page 6 - 6
Rev. K
ATS/ATS-SM Series
Low Cost Quartz Crystal
PACKAGING INFORMATION
18.00
3.81
12.70
18.00
22.50 Max
DIMENSIONS IN MILLIMETERS
Ø4.00
0.90 Max
ATS Radial Taping (Ammopak)
11.50
DIRECTION OF FEED
0.40
5.10
24.00
12.00
DIMENSIONS IN MILLIMETERS
Ø1.55
4.00
1.75
4.35
Ø21.00
Ø80
Ø330
Ø13.00
120°
24.40
2.00
ATS-SM Tape and Reel



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com