전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6747C 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 L6747C
상세설명  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747C 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button L6747C Datasheet HTML 7Page - STMicroelectronics L6747C Datasheet HTML 8Page - STMicroelectronics L6747C Datasheet HTML 9Page - STMicroelectronics L6747C Datasheet HTML 10Page - STMicroelectronics L6747C Datasheet HTML 11Page - STMicroelectronics L6747C Datasheet HTML 12Page - STMicroelectronics L6747C Datasheet HTML 13Page - STMicroelectronics L6747C Datasheet HTML 14Page - STMicroelectronics L6747C Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
L6747C
Package mechanical data
Doc ID 17127 Rev 1
13/15
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9.
VFDFPN8 mechanical data and package dimensions
DIMENSIONS
REF.
mm
mils
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
0.80
0.90
1.00
31.49
35.43
39.37
A1
0.02
0.05
0.787
1.968
A2
0.65
25.59
A3
0.20
7.874
b
0.18
0.25
0.30
7.086
9.842
11.81
D
3.00
118.1
D2
2.20
2.70
86.61
106.3
E
3.00
E2
1.40
1.75
55.11
68.89
e0.50
L
0.30
0.40
0.50
11.81
15.74
19.68
PACKAGE AND
PACKING INFORMATION
VFDFPN8 (3x3)
Weight: not available
Very thin Fine pitch Dual
Flat Package no Lead
0.55
0.80
2.85
3.15
2.85
3.15
ddd
0.08
3.149
21.65
31.49
112.2
124.0
118.1
112.2
124.0
19.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15