전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPLR1320ADX 데이터시트(PDF) 1 Page - COSMO Electronics Corporation

부품명 KPLR1320ADX
상세설명  FIBER OPTIC Receiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR1320ADX 데이터시트(HTML) 1 Page - COSMO Electronics Corporation

  KPLR1320ADX Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 4Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SPECIFICATION
DATE:03/03/2005
NO.60F01006 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR1320AD
SHEET 1 OF 5
1
FIBER OPTIC Receiver Module
Features
TTL interface compatible.
13.2Mbps data rate(NRZ Signal).
Directly connectable to demodulation IC.
Supply voltage 3.3V/ 5V equipment.
Applications
Audio equipment .
Sound card.
DVD,CD,MD player .
Set top box.
Automobile.
PC,Notebook.
Outline Dimensions
(Unit:mm)
11.20
6.50
3.80
7.62
0.50
4.70
2.30
32
1
2.54
2.54
20.20
13.50
9.50
Pin Connection
1.Vout
2.GND
3.Vcc
Tolerance:±0.2mm


유사한 부품 번호 - KPLR1320ADX

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KPLR1320AD COSMO-KPLR1320AD Datasheet
460Kb / 3P
Photo Link Connector
More results

유사한 설명 - KPLR1320ADX

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M4X COSMO-KPLR1320M4X Datasheet
164Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com