전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPLR1320ADX 데이터시트(PDF) 4 Page - COSMO Electronics Corporation

부품명 KPLR1320ADX
상세설명  FIBER OPTIC Receiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR1320ADX 데이터시트(HTML) 4 Page - COSMO Electronics Corporation

  KPLR1320ADX Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 4Page - COSMO  Electronics Corporation KPLR1320ADX Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRODUCT SPECIFICATION
DATE:03/03/2005
NO.60F01006 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR1320AD
SHEET 4 OF 5
1
(3).Measuring method of Jitter
GND
Vcc
Vin
0.1uF
Less than 7mm
Vcc
Input
Standard Transmitter
Standard optical fiber cable
Vout
GND
Vcc
Less than 7mm
0.1uF
Output signal
Vcc
CH1 CH2
Oscilloscope
Receiver
tj
tj
Input signal (CH1)
Output signal (CH2)
50%
50%
5.Recommended PCB Layout
2.54
7.62
3-
0.8
2.54
2- 2.8
Notes:
1.Unit:mm
2.tolerance:±0.3mm



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com