| 전자부품 데이터시트 검색엔진 |
|
AT45DB321D-MU 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT45DB321D-MU 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 52 page ![]() 21 AT45DB321D [DATASHEET] 3597T–DFLASH–11/2013 11. “Power of Two” Binary Page Size Option “Power of two” binary page size configuration register is a user programmable, nonvolatile register that allows the page size of the main memory to be configured for binary page size (512 bytes) or standard DataFlash page size (528 bytes). The power of two page size is a one-time programmable configuration register, and once the device is configured for power of two page size, it cannot be reconfigured again. The devices are initially shipped with the page size set to 528 bytes. The user has the option of ordering binary page size (512-byte) devices from the factory. For details, please refer to Section 24., “Ordering Information” on page 43. For the binary power of two page size to become effective, the following steps must be followed: 1. Program the one-time programmable configuration resister using the opcode sequence: 3DH, 2AH, 80H, and A6H (see Section 11.1). 2. Power cycle the device (i.e., power down and power up again). 3. The page for the binary page size can now be programmed. If the above steps to set the page size prior to page programming are not followed, incorrect data during a read operation may be encountered. 11.1 Programming the Configuration Register To program the configuration register for power of two binary page size, the CS pin must first be asserted, as it would be with any other command. Once the CS pin has been asserted, the appropriate four-byte opcode sequence must be clocked into the device in the correct order. The four-byte opcode sequence must start with 3DH, followed by 2AH, 80H, and A6H. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to initiate the internally self-timed program cycle. The programming of the configuration register should take place in a maximum time of tP, during which time the status register will indicate that the device is busy. The device must be power cycled after the completion of the program cycle to set the power of two page size. If the device is powered-down before the completion of the program cycle, then setting the configuration register cannot be guaranteed. However, the user should check bit 0 of the status register to see whether the page size was configured for binary page size or not. If not, the command can be issued again. Table 11-1. Programming the Configuration Register Command Byte 1 Byte 2 Byte 3 Byte 4 Figure 11-1. Erase Sector Protection Register 12. Manufacturer and Device ID Read Identification information can be read from the device to enable systems to electronically query and identify the device while it is in the system. The identification method and the command opcode comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices.” The type of information that can be read from the device includes the JEDEC-defined manufacturer ID, the vendor-specific device ID, and the vendor-specific extended device information. To read the identification information, the CS pin must first be asserted, and then the opcode of 9FH must be clocked into the device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during the subsequent clock cycles. The first byte to be output will be the manufacturer ID, followed by two bytes of device ID information. The fourth byte output will be the extended device information string length, which will be 00H to indicate that no extended Power of two page size 3DH 2AH 80H A6H Opcode byte 1 Opcode byte 2 Opcode byte 3 Opcode byte 4 CS Each transition represents 8 bits SI |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |