전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB321D-MU 데이터시트(PDF) 42 Page - List of Unclassifed Manufacturers

부품명 AT45DB321D-MU
상세설명  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU 데이터시트(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MU Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 23-2. Algorithm for Randomly Modifying Data
Notes: 1.
To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within every
20,000 cumulative page erase and program operations.
2. A page address pointer must be maintained to indicate which page is to be rewritten. The auto page rewrite com-
mand must use the address specified by the page address pointer.
3.
Other algorithms can be used to rewrite portions of the flash array. Low-power applications may choose to wait
until 20,000 cumulative page erase and program operations have accumulated before rewriting all pages of the
sector. See application note AN-4 (“Using Serial DataFlash”) for more details.
START
Main Memory Page
to Buffer Transfer
(53h, 55h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h, 59h)
END
provide address of
page to modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h, 85h)
Buffer Write
(84h, 87h)
Buffer to Main
Memory Page Program
(83h, 86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com