전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6207PD013TR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6207PD013TR
상세설명  DMOS dual full bridge driver with PWM current controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207PD013TR 데이터시트(HTML) 1 Page - STMicroelectronics

  L6207PD013TR Datasheet HTML 1Page - STMicroelectronics L6207PD013TR Datasheet HTML 2Page - STMicroelectronics L6207PD013TR Datasheet HTML 3Page - STMicroelectronics L6207PD013TR Datasheet HTML 4Page - STMicroelectronics L6207PD013TR Datasheet HTML 5Page - STMicroelectronics L6207PD013TR Datasheet HTML 6Page - STMicroelectronics L6207PD013TR Datasheet HTML 7Page - STMicroelectronics L6207PD013TR Datasheet HTML 8Page - STMicroelectronics L6207PD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
February 2014
DocID7513 Rev 2
1/33
L6207
DMOS dual full bridge driver with PWM current controller
Datasheet
- production data
Features
 Operating supply voltage from 8 to 52 V
 5.6 A output peak current (2.8 A DC)
 RDS(ON) 0.3  typ. value at Tj = 25 °C
 Operating frequency up to 100 KHz
 Non-dissipative overcurrent protection
 Dual independent constant tOFF PWM current
controllers
 Slow decay synchronous rectification
 Cross conduction protection
 Thermal shutdown
 Undervoltage lockout
 Integrated fast freewheeling diodes
Applications
 Bipolar stepper motor
 Dual DC motor
Description
The L6207 device is a DMOS dual full bridge
designed for motor control applications, realized
in BCD technology, which combines isolated
DMOS power transistors with CMOS and bipolar
circuits on the same chip. The device also
includes two independent constant off time PWM
current controllers that perform the chopping
regulation. Available in PowerDIP24 (20 + 2 + 2),
PowerSO36 and SO24 (20 + 2 + 2) packages, the
L6207 device features a non-dissipative
overcurrent protection on the high-side Power
MOSFETs and thermal shutdown.
www.st.com


유사한 부품 번호 - L6207PD013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6207PD STMICROELECTRONICS-L6207PD Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
More results

유사한 설명 - L6207PD013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6207 STMICROELECTRONICS-L6207 Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
DMOS dual full bridge driver with PWM current controller
10-Jun-2008
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
DMOS dual full bridge driver with PWM current controller
28-Jan-2009
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com