전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6207PD013TR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 L6207PD013TR
상세설명  DMOS dual full bridge driver with PWM current controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207PD013TR 데이터시트(HTML) 5 Page - STMicroelectronics

  L6207PD013TR Datasheet HTML 1Page - STMicroelectronics L6207PD013TR Datasheet HTML 2Page - STMicroelectronics L6207PD013TR Datasheet HTML 3Page - STMicroelectronics L6207PD013TR Datasheet HTML 4Page - STMicroelectronics L6207PD013TR Datasheet HTML 5Page - STMicroelectronics L6207PD013TR Datasheet HTML 6Page - STMicroelectronics L6207PD013TR Datasheet HTML 7Page - STMicroelectronics L6207PD013TR Datasheet HTML 8Page - STMicroelectronics L6207PD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DocID7513 Rev 2
5/33
L6207
Maximum ratings
33
Table 3. Thermal data
Symbol
Description
PowerDIP24
SO24
PowerSO36
Unit
Rth-j-pins
Maximum thermal resistance junction pins
18
14
-
C/W
Rth-j-case Maximum thermal resistance junction case
-
-
1
C/W
Rth-j-amb1 Maximum thermal resistance junction ambient(1)
43
51
-
C/W
Rth-j-amb1 Maximum thermal resistance junction ambient(2)
--
35
C/W
Rth-j-amb1 Maximum thermal resistance junction ambient(3)
--
15
C/W
Rth-j-amb2 Maximum thermal resistance junction ambient(4)
58
77
62
C/W
1. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the bottom side of 6 cm2 (with a thickness
of 35 µm).
2. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm).
3. Mounted on a multilayer FR4 PCB with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm),
16 via holes and a ground layer.
4. Mounted on a multilayer FR4 PCB without any heat sinking surface on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com