전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLSP0020JB-A 데이터시트(PDF) 41 Page - Renesas Technology Corp

부품명 PLSP0020JB-A
상세설명  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A 데이터시트(HTML) 41 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 37Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 38Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 39Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 40Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 41Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 42Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 43Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 44Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
R8C/1A Group, R8C/1B Group
5. Electrical Characteristics
Rev.1.40
Dec 08, 2006
Page 39 of 45
REJ03B0144-0140
i = 0 or 1
Figure 5.11
Serial Interface Timing Diagram when VCC = 5 V
NOTES:
1.
When selecting the digital filter by the INT0 input filter select bit, use an INT0 input HIGH width of either (1/digital filter clock
frequency x 3) or the minimum value of standard, whichever is greater.
2.
When selecting the digital filter by the INT0 input filter select bit, use an INT0 input LOW width of either (1/digital filter clock
frequency x 3) or the minimum value of standard, whichever is greater.
Figure 5.12
External Interrupt INT0 Input Timing Diagram when VCC = 5 V
Table 5.19
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
−
ns
tW(CKH)
CLKi input “H” width
100
−
ns
tW(CKL)
CLKi input “L” width
100
−
ns
td(C-Q)
TXDi output delay time
−
50
ns
th(C-Q)
TXDi hold time
0
−
ns
tsu(D-C)
RXDi input setup time
50
−
ns
th(C-D)
RXDi input hold time
90
−
ns
Table 5.20
External Interrupt INT0 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INT0 input “H” width
250(1)
−
ns
tW(INL)
INT0 input “L” width
250(2)
−
ns
tW(CKH)
tc(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
VCC = 5 V
i = 0 or 1
tW(INL)
tW(INH)
INT0 input
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com