전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLSP0020JB-A 데이터시트(PDF) 28 Page - Renesas Technology Corp

부품명 PLSP0020JB-A
상세설명  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A 데이터시트(HTML) 28 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 24Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 25Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 26Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 27Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 28Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 29Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 30Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 31Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
R8C/1A Group, R8C/1B Group
5. Electrical Characteristics
Rev.1.40
Dec 08, 2006
Page 26 of 45
REJ03B0144-0140
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = 0 to 60
°C, unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024
1-byte writes are performed to block A, a 1 Kbyte block, and then the block is erased, the programming/erasure endurance
still stands at one. However, the same address must not be programmed more than once per erase operation (overwriting
prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4.
If emergency processing is required, a suspend request can be generated independent of this characteristic. In that case the
normal time delay to suspend can be applied to the request. However, we recommend that a suspend request with an
interval of less than 650
µs is only used once because, if the suspend state continues, erasure cannot operate and the
incidence of erasure error rises.
5.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. In addition, averaging the number of erase operations between block A and block B
can further reduce the effective number of rewrites. It is also advisable to retain data on the erase count of each block and
limit the number of erase operations to a certain number.
6.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
7.
Customers desiring programming/erasure failure rate information should contact their Renesas technical support
representative.
8.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.4
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
R8C/1A Group
100(3)
−−
times
R8C/1B Group
1,000(3)
−−
times
−
Byte program time
−
50
400
µs
−
Block erase time
−
0.4
9
s
td(SR-SUS)
Time delay from suspend request until
suspend
−−
97+CPU clock
× 6 cycles
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3+CPU clock
× 4 cycles
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.7
−
5.5
V
−
Program, erase temperature
0
−
60
°C
−
Data hold time(8)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com