전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC7812B 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC7812B
상세설명  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812B 데이터시트(HTML) 2 Page - Texas Instruments

  AMC7812B Datasheet HTML 1Page - Texas Instruments AMC7812B Datasheet HTML 2Page - Texas Instruments AMC7812B Datasheet HTML 3Page - Texas Instruments AMC7812B Datasheet HTML 4Page - Texas Instruments AMC7812B Datasheet HTML 5Page - Texas Instruments AMC7812B Datasheet HTML 6Page - Texas Instruments AMC7812B Datasheet HTML 7Page - Texas Instruments AMC7812B Datasheet HTML 8Page - Texas Instruments AMC7812B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
AMC7812B
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD to GND
–0.3 to +6
V
DVDD to GND
–0.3 to +6
V
IOVDD to GND
–0.3 to +6
V
AVCC to GND
–0.3 to +18
V
DVDD to DGND
–0.3 to +6
V
Analog input voltage to GND
–0.3 to AVDD + 0.3
V
ALARM, GPIO-0, GPIO-1, GPIO-2, GPIO-3, SCLK/SCL, and SDI/SDA to GND
–0.3 to +6
V
D1+/GPIO-4, D1–/GPIO-5, D2+/GPIO-6, D2–/GPIO-7 to GND
–0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to IOVDD + 0.3
V
SDO and DAV to GND
–0.3 to IOVDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–40 to +150
°C
Junction temperature range (TJ max)
+150
°C
Human body model (HBM)
2.5
kV
Electrostatic discharge (ESD)
ratings
Charged device model (CDM)
1.0
kV
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
THERMAL INFORMATION
AMC7812B
THERMAL METRIC(1)
RGC (QFN)
PAP (HTQFP)
UNITS
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
24.1
33.7
θJCtop
Junction-to-case (top) thermal resistance
8.1
9.5
θJB
Junction-to-board thermal resistance
3.2
9.0
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.3
ψJB
Junction-to-board characterization parameter
3.3
8.9
θJCbot
Junction-to-case (bottom) thermal resistance
0.6
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com