전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC7812B 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC7812B
상세설명  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812B 데이터시트(HTML) 21 Page - Texas Instruments

Back Button AMC7812B Datasheet HTML 17Page - Texas Instruments AMC7812B Datasheet HTML 18Page - Texas Instruments AMC7812B Datasheet HTML 19Page - Texas Instruments AMC7812B Datasheet HTML 20Page - Texas Instruments AMC7812B Datasheet HTML 21Page - Texas Instruments AMC7812B Datasheet HTML 22Page - Texas Instruments AMC7812B Datasheet HTML 23Page - Texas Instruments AMC7812B Datasheet HTML 24Page - Texas Instruments AMC7812B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
−3
0
3
6
9
12
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
0
2
4
6
8
10
12
14
16
Time (µs)
DAC Out SS
DAC Out LS
CS
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
RL= 2KΩ, CL = 250pF
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
Figure 42. SETTLING TIME FALLING EDGE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com