전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5050A 데이터시트(PDF) 3 Page - ams AG

부품명 AS5050A
상세설명  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5050A 데이터시트(HTML) 3 Page - ams AG

  AS5050A Datasheet HTML 1Page - ams AG AS5050A Datasheet HTML 2Page - ams AG AS5050A Datasheet HTML 3Page - ams AG AS5050A Datasheet HTML 4Page - ams AG AS5050A Datasheet HTML 5Page - ams AG AS5050A Datasheet HTML 6Page - ams AG AS5050A Datasheet HTML 7Page - ams AG AS5050A Datasheet HTML 8Page - ams AG AS5050A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ams Datasheet
Page 3
[v2-03] 2014-Jul-31
Document Feedback
AS5050A − Pin Assignment
The AS5050A pin assignments are shown below.
Figure 3:
Pin Diagram
Figure 4:
Pin Description
Pin Assignments (Top View):
Package drawing is not to scale.
Pin Number
Name
Type
Description
1
MOSI
Digital input
SPI bus data input
2
MISO
Digital output, tri-state buffer
SPI bus data output
3
SCK
Digital input Schmitt trigger
SPI clock
4
SS/
Digital input
SPI Slave Select, active low
5
NC
-
Leave unconnected
6
NC
7
NC
8
NC
9
Test
Analog
Test pin, connect to VSS
10
EN_INT/
Digital input
Enable interrupt, active low
Pin Assignment
MOSI
MISO
SCK
SS/
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
VDD
VDDp
EN_INT/
Test
Epad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31