전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL40N75LF3 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STL40N75LF3
상세설명  Keil starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 데이터시트(HTML) 1 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2011
Doc ID 012425 Rev 6
1/5
5
STM3210B-SK/KEIL
STR91X-SK/KEI, STR7-SK/KEIL
Keil™ starter kits for ST ARM core-based microcontrollers
Features
■ The ARM® RealView™ Microcontroller
Development Kit complete development
software package with:
– µVision3® integrated development
environment for application programming
and debugging
– ARM RealView Compilation Tools C/C++
compiler for output of code up to 16 Kbytes
– RTX real-time kernel, a multi-tasking
operating system for embedded
applications
■ ULINK™ in-circuit debugger/programmer with
USB interface to host PC and 20-pin JTAG
application interface
■ Full-featured Keil evaluation board with target
microcontroller.
Description
The Keil starter kits are complete solutions for
starting application development and evaluating
the STMicroelectronics STM32F101/103 (up to
128K Flash),
STR91x, STR75x, STR73x, and
STR71x ARM core-based microcontrollers.
They come with all the hardware and software
you need to start developing applications for the
STM32, STR9 and STR7 ARM core-based
families of microcontrollers. The kits come
complete with Keil’s µVision3 integrated
development environment for ARM and the
16 Kbyte code-size limited version of the ARM
RealView Compilation Tools, a full-featured
evaluation board (including USB, USART, SPI,
ADC) and target microcontroller, with the ULINK
(USB/JTAG) in-circuit debugger/programmer.
Keil starter kits are available for a full range of ST
ARM core-based microcontrollers.
www.st.com


유사한 부품 번호 - STL40N75LF3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
More results

유사한 설명 - STL40N75LF3

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
ARM Thumb - based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
ARM Thumb-based Microcontrollers
logo
STMicroelectronics
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
Keil starter kits for STR7 and STR9
04-Oct-2006
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
STM32-SK STMICROELECTRONICS-STM32-SK Datasheet
88Kb / 5P
Hitex starter kits for ST ARM core-based microcontrollers
27-May-2011
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
Starter and extension kits for STM32W108xx microcontrollers
26-Jul-2012
STM3220G-SK STMICROELECTRONICS-STM3220G-SK Datasheet
602Kb / 4P
Keil??starter kit for STM32F2 series microcontrollers (STM32F207IG MCU)
11-May-2012
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
IAR starter kits for ST ARM core-based microcontrollers
15-Mar-2011
logo
ATMEL Corporation
SAMC21E ATMEL-SAMC21E Datasheet
8Mb / 1201P
SMART ARM-Based Microcontrollers
SAMR21 ATMEL-SAMR21 Datasheet
4Mb / 31P
SMART ARM-based Microcontrollers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com