전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL40N75LF3 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STL40N75LF3
상세설명  Keil starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 데이터시트(HTML) 3 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STM3210B-SK/KEIL, STR91X-SK/KEI, STR7-SK/KEIL
Ordering information
Doc ID 012425 Rev 6
3/5
Ordering information
All Keil starter kits can be ordered from Keil. Starter kits are available from your nearest
STMicroelectronics distributor or sales office for the following:
●
STM32 performance and access line microcontrollers with 128K Flash (ST order code:
STM3210B-SK/KEIL)
●
STR91xF microcontrollers (ST order code: STR91X-SK/KEI)
●
STR75xF microcontrollers (ST order code: STR750-SK/KEIL)
●
STR73x microcontrollers (order code: refer to www.keil.com)
●
STR71x microcontrollers (order code: refer to www.keil.com)
For more information and documentation, please refer to the Keil web site or the
STMicroelectronics microcontroller support site at www.st.com.
Potentiometer connected
to ADC
Yes
Yes
Yes
Yes
No
User and wake-up push
button(s)
33
3
2
3
Reset button
Yes
Yes
Yes
Yes
Yes
Wrap area
Yes
Yes
Yes
Yes
No
1.
STR73x and STR71x starter kit references are available at www.keil.com.
Table 1.
Evaluation board key features (continued)
Feature
Starter kit
STM3210B
-SK/KEIL
STR91X
-SK/KEI
STR750
-SK/KEIL
STR73xF(1)
STR71xF(1)



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com