전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6207Q 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 L6207Q
상세설명  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 9Page - STMicroelectronics L6207Q Datasheet HTML 10Page - STMicroelectronics L6207Q Datasheet HTML 11Page - STMicroelectronics L6207Q Datasheet HTML 12Page - STMicroelectronics L6207Q Datasheet HTML 13Page - STMicroelectronics L6207Q Datasheet HTML 14Page - STMicroelectronics L6207Q Datasheet HTML 15Page - STMicroelectronics L6207Q Datasheet HTML 16Page - STMicroelectronics L6207Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID018993 Rev 3
13/27
L6207Q
Circuit description
27
Figure 10 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the RC pin voltage and the status of the bridge. Immediately
after the low-side Power MOSFET turns on, a high peak current flows through the sensing
resistor due to the reverse recovery of the freewheeling diodes. The L6207Q device
provides a 1
s blanking time tBLANK that inhibits the comparator output so that this current
spike cannot prematurely retrigger the monostable.
Figure 10. Output current regulation waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27