전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C08-RMC6TG 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 M24C08-RMC6TG
상세설명  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 14Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 15Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 16Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 17Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 18Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 19Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 20Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 21Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Instructions
M24C08-W M24C08-R M24C08-F
18/38
DocID023924 Rev 4
5.2
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device internal address counter is
incremented by one, to point to the next byte address.
For the Read instructions, after each byte read (data out), the device waits for an
acknowledgment (data in) during the 9th bit time. If the bus master does not acknowledge
during this 9th time, the device terminates the data transfer and switches to its Standby
mode.
Figure 10. Read mode sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38