전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C08-RMC6TG 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 M24C08-RMC6TG
상세설명  8-Kbit serial I짼C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-RMC6TG 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button M24C08-RMC6TG Datasheet HTML 30Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 31Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 32Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 33Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 34Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 35Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 36Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 37Page - STMicroelectronics M24C08-RMC6TG Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
DocID023924 Rev 4
37/38
M24C08-W M24C08-R M24C08-F
Revision history
37
11
Revision history
Table 24. Document revision history
Date
Revision
Changes
17-Dec-2012
1
New single product M24C08 datasheet resulting from splitting the
previous datasheet M24C08-x M24C04-x M24C02-x M24C01-x
(revision 18) into separate datasheets.
25-Sep-2013
2
Added:
– Table 11: Cycling performance
– Table 7: Operating conditions (voltage range F, for devices
identified by process letter T) and Table 8: Operating conditions
(voltage range F, for all other devices).
Updated:
– Features: supply voltage, write cycles and data retention
– Section 1: Description
– Table 4: Absolute maximum ratings, Table 12: Memory cell data
retention, Table 13: DC characteristics (M24C08-W, device grade
6), Table 14: DC characteristics (M24C08-R, device grade 6),
Table 15: DC characteristics (M24C08-F device), Table 23:
Ordering information scheme
– Figure 13: AC waveforms
Renamed Figure 17 and Table 21.
Replaced “5 bump” by “M24C08-FCT5TP/S” in WLCSP package
description.
17-Dec-2013
3
Added Figure 4: Chip enable inputs connection
Updated:
– Table 13: DC characteristics (M24C08-W, device grade 6)
– Table 14: DC characteristics (M24C08-R, device grade 6)
– Table 15: DC characteristics (M24C08-F device)
– Figure 13: AC waveforms
– Table 23: Ordering information scheme
04-Jun-2014
4
Updated: Package on cover page
added note (1) on Table 1: Signal names.
Updated note (1) and picture, deleted Caution note on Figure 3.
Updated note (4) on Table 4.
Corrected wrong Symbol name tDXCX in tDXCH in Table 16.
Updated Figure 18: M24C08-FCT6TP/T package outline and
Table 22: M24C08-FCT6TP/T package data.
Added “Process” row specification in Table 23: Ordering information
scheme.
Added Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38