전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC535 데이터시트(PDF) 8 Page - Hitachi Semiconductor

부품명 2SC535
상세설명  Silicon NPN Epitaxial Planar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC535 데이터시트(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC535 Datasheet HTML 4Page - Hitachi Semiconductor 2SC535 Datasheet HTML 5Page - Hitachi Semiconductor 2SC535 Datasheet HTML 6Page - Hitachi Semiconductor 2SC535 Datasheet HTML 7Page - Hitachi Semiconductor 2SC535 Datasheet HTML 8Page - Hitachi Semiconductor 2SC535 Datasheet HTML 9Page - Hitachi Semiconductor 2SC535 Datasheet HTML 10Page - Hitachi Semiconductor 2SC535 Datasheet HTML 11Page - Hitachi Semiconductor 2SC535 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC535
8
Reverse Transfer Admittance
Characteristics
f = 50 MHz
70
100
150
200
IC = 5 mA 3 2 1
–1.0
–0.8
–0.6
–0.4
–0.2
0
–0.04
–0.16
–0.12
–0.08
Reverse Transfer Conductance gre (mS)
yre = gre + jbre
VCE = 6 V
–0.20
Forward Transfer Admittance
Characteristics
–120
–100
–80
–60
–40
–20
IC = 1 mA
2 mA
3 mA
5 mA
200
150
100
70
020
60
40
80
120
100
Forward Transfer Conductance gfe (mS)
f = 50 MHz
yfe = gfe + jbfe
VCE = 6 V
Output Admittance Characteristics
Output Conductance goe (mS)
yoe = goe + jboe
VCE = 6 V
IC = 1 mA 23
5
2.4
2.0
1.6
1.2
0.8
0.4
0
0.1
0.6
0.4
0.3
0.2
0.5
150
100
70
50
f = 200 MHz
Input Admittance vs. Collector
to Emitter Voltage
Collector to Emitter Voltage VCE (V)
10
5
2
1.0
0.5
15
20
210
yie = gie + jbie
IC = 1 mA
f = 100 MHz
bie
gie



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com