전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC535 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SC535
상세설명  Silicon NPN Epitaxial Planar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC535 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SC535 Datasheet HTML 1Page - Hitachi Semiconductor 2SC535 Datasheet HTML 2Page - Hitachi Semiconductor 2SC535 Datasheet HTML 3Page - Hitachi Semiconductor 2SC535 Datasheet HTML 4Page - Hitachi Semiconductor 2SC535 Datasheet HTML 5Page - Hitachi Semiconductor 2SC535 Datasheet HTML 6Page - Hitachi Semiconductor 2SC535 Datasheet HTML 7Page - Hitachi Semiconductor 2SC535 Datasheet HTML 8Page - Hitachi Semiconductor 2SC535 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC535
4
Maximum Collector Dissipation Curve
150
100
50
0
50
150
100
Ambient Tmperature Ta (
°C)
Typical Output Characteristics
20
16
12
8
4
04
16
12
IB = 0
P
C
= 100
mW
25
µA
50
75
100
125
Collector to Emitter Voltage VCE (V)
20
8
150
300
175
200
225
250
275
Typical Output Characteristics
50
40
30
20
10
µA
IB = 0
5
4
3
2
1
0
4
12
20
8
Collector to Emitter Voltage VCE (V)
16
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
VCE = 6 V
120
100
80
60
40
20
0
0.1
0.5
10
5
0.2
2
20
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com