전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML7344J 데이터시트(PDF) 106 Page - List of Unclassifed Manufacturers

부품명 ML7344J
상세설명  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J 데이터시트(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 102Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 103Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 104Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 105Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 106Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 107Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 108Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 109Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
106/151
●Turn on Sequence
(1) Initialization flow
In initialization status, interrupt process, registers setting, VCO calibration are necessary.
(1) Interrupt process
Upon reset, all interrupt notification settings ([INT_EN_GRP1-3: B0 0x10-0x12]) are disabled.
After hard reset is released, INT[0] (group 1: Clock stabilization completion interrupt) will be detected.
INT[0] should be enabled by [INT_EN_GRP1:B0 0x10] register.
(2) Registers setting
After hard reset is released, all registers in BANK0 and BANK1 except FIFO access registers
([WR_TX_FIFO: B0 0x7C] and [RD_FIFO: B0 0x7F]), are accessible before INT[0] notification.
(3) VCO calibration
VCO calibration is executed after setting upper and low limit of the operation frequency.
For details, please refer to the “VCO adjustment”.
Register setting
START
Clock stabilized completion int. ?
INT[0] [INT_SOURCE_GRP1: B0 0x0D]
Yes
No
END
INT[0] clear
[INT_SOURCE_GRP1 B0 0x0D]
(2)Register setting
(1)Interrupt process
VCO calibration execution
INT_EN setting
[INT_EN_GRP1-3: B0 0x10-0x12]
(3)VCO calibration
*For details, please refer to
the ”VCO adjustment”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More