전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DI01D 데이터시트(PDF) 3 Page - Wall Industries,Inc.

부품명 DI01D
상세설명  Non-Isolated DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DI01D 데이터시트(HTML) 3 Page - Wall Industries,Inc.

  DI01D Datasheet HTML 1Page - Wall Industries,Inc. DI01D Datasheet HTML 2Page - Wall Industries,Inc. DI01D Datasheet HTML 3Page - Wall Industries,Inc. DI01D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A
DI01D Series
1.2 to 15 Watts
1A Output Current
Non-Isolated DC/DC Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/06/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Efficiency
Model Number
Input Voltage Range
Output Voltage
Output Current
Output Power
Min Vin
Max Vin
DI01D1R2-1A
4.6 – 36 VDC
1.2 VDC
1A
1.2W
74%
62%
DI01D1R5-1A
4.6 – 36 VDC
1.5 VDC
1A
1.5W
78%
65%
DI01D1R8-1A
4.6 – 36 VDC
1.8 VDC
1A
1.8W
82%
69%
DI01D2R5-1A
4.6 – 36 VDC
2.5 VDC
1A
2.5W
87%
75%
DI01D3R3-1A
4.75 – 36 VDC
3.3 VDC
1A
3.3W
91%
78%
DI01D05-1A
6.5 – 36 VDC
5 VDC
1A
5.0W
92%
84%
DI01D6R5-1A
9 – 36 VDC
6.5 VDC
1A
6.5W
93%
87%
DI01D09-1A
12 – 36 VDC
9 VDC
1A
9.0W
95%
90%
DI01D12-1A
15 – 36 VDC
12 VDC
1A
12W
95%
92%
DI01D15-1A
18 – 36 VDC
15 VDC
1A
15W
96%
94%
APPLICATION EXAMPLE
DERATING CURVE
Figure 1
MECHANICAL DRAWING
12
3
PIN CONNECTIONS
Pin
Assignment
1
+Vin
2
GND
3
+Vout
Tolerance: X.XX±0.02 (XX.X±0.5)
X.XX±0.01 (XX.XX±0.25)
Unit: inches (mm)
0.45 (11.5)
printd face
TOP VIEW
BOTTOM VIEW
0.10 (2.54)
0.02±0.002
(0.50±0.05)
0.20
(5.08)
0.13 (3.21) TYP
0.01±0.00
(0.25±0.05)
Ambient Temperature (°C)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com