전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DI01D 데이터시트(PDF) 1 Page - Wall Industries,Inc.

부품명 DI01D
상세설명  Non-Isolated DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DI01D 데이터시트(HTML) 1 Page - Wall Industries,Inc.

  DI01D Datasheet HTML 1Page - Wall Industries,Inc. DI01D Datasheet HTML 2Page - Wall Industries,Inc. DI01D Datasheet HTML 3Page - Wall Industries,Inc. DI01D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/06/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. A
DI01D SERIES
1.2 to 15 Watts
1A Output Current, 3-Pin SIP Package
Wide Input Voltage Range
Non-Isolated DC/DC Converters
0.45” x 0.40” x 0.30” 3-Pin SIP Package
APPLICATIONS
 Wireless Networks
 Telecom/Datacom
 Industrial Control Systems
 Semiconductor Equipment
 Distributed Power Architectures
 Microprocessor Power Applications
FEATURES
 RoHS Compliant
 1A Output Current
 Low Output Ripple & Noise
 Wide Input Voltage Range: 4.6 to 36VDC
 1.2 to 15 Watts Output Power
 Efficiency up to 96%
 Single Outputs
 3-Pin SIP Package: 0.45 x 0.40 x 0.30 Inches
 Pin-out Compatible with LM78XX Linear Regulators
 Short Circuit Protection
UL94V-0 Package Material
Wide Operating Temperature Range: -40°C to +85°C
DESCRIPTION
The DI01D series consists of high performance non-isolated DC/DC converters that deliver 1A of output current in a small
0.45” x 0.40” x 0.30” 3-Pin SIP package. This series features a wide operating temperature range of -40°C to +85°C,
efficiency up to 96%, and short circuit protection. These converters are RoHS compliant and are suitable for use in wireless
networks, telecom/datacom applications, industrial control systems, distributed power architectures, semiconductor
equipment, and microprocessor power applications.


유사한 부품 번호 - DI01D

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
DI01D WALL-DI01D Datasheet
175Kb / 4P
RoHS Compliant
logo
Delta Electronics, Inc.
DI01D0303A DELTA-DI01D0303A Datasheet
209Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DI01D0303A DELTA-DI01D0303A Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
DI01D0303A DELTA-DI01D0303A Datasheet
219Kb / 4P
4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DI01D0312H DELTA-DI01D0312H Datasheet
212Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

유사한 설명 - DI01D

제조업체부품명데이터시트상세설명
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com