전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CL2K4-G 데이터시트(PDF) 1 Page - Supertex, Inc

부품명 CL2K4-G
상세설명  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2K4-G 데이터시트(HTML) 1 Page - Supertex, Inc

  CL2K4-G Datasheet HTML 1Page - Supertex, Inc CL2K4-G Datasheet HTML 2Page - Supertex, Inc CL2K4-G Datasheet HTML 3Page - Supertex, Inc CL2K4-G Datasheet HTML 4Page - Supertex, Inc CL2K4-G Datasheet HTML 5Page - Supertex, Inc CL2K4-G Datasheet HTML 6Page - Supertex, Inc CL2K4-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
CL2
Doc.# DSFP-CL2
C071012
Features
5.0 to 90V operating range (V
A-B)
20mA ±10% at 5.0 - 90V
0.01%/°C typical temperature coefficient
Available in TO-243AA (SOT-89), TO-252 (D-PAK),
& TO-92 packages
Can be paralleled for higher current
Applications
LED driver
Industrial lamp indicators
Signage
Accent lighting
Automotive
Constant current source
Constant current sink
General Description
The Supertex CL2 is a high voltage, temperature compensated,
constant current source. The device is trimmed to provide
a constant current of 20mA±10% at an input voltage of 5.0
- 90V. The device can be used as a two terminal constant
current source or constant current sink.
Atypical application for the CL2 is to drive LEDs with a constant
current of 20mA. Multiple CL2s can also be used in parallel to
provide higher currents such as 40mA, 60mA or 80mA. The
device is available in TO-243AA (SOT-89), TO-252 (D-PAK),
and TO-92 packages.
Typical Application Circuit
Simple 90V, 20mA, Temperature Compensated
Constant Current LED Driver IC
VA
VB
Up to 90V
+ V
LED(total)
+
V
LED(total)
-
VA
VB
Functional Circuit
Diagram
CL2
I
LED
<20mA
Control Circuit
and Temperature
Compensation
100nF


유사한 부품 번호 - CL2K4-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2K4-G MICROCHIP-CL2K4-G Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
CL2K4-G-P002 MICROCHIP-CL2K4-G-P002 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
More results

유사한 설명 - CL2K4-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com