전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CL2K4-G 데이터시트(PDF) 6 Page - Supertex, Inc

부품명 CL2K4-G
상세설명  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2K4-G 데이터시트(HTML) 6 Page - Supertex, Inc

  CL2K4-G Datasheet HTML 1Page - Supertex, Inc CL2K4-G Datasheet HTML 2Page - Supertex, Inc CL2K4-G Datasheet HTML 3Page - Supertex, Inc CL2K4-G Datasheet HTML 4Page - Supertex, Inc CL2K4-G Datasheet HTML 5Page - Supertex, Inc CL2K4-G Datasheet HTML 6Page - Supertex, Inc CL2K4-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
CL2
Supertex inc.
www.supertex.com
Doc.# DSFP-CL2
C071012
3-Lead TO-92 Package Outline (N3)
Symbol
A
b
c
D
E
E1
e
e1
L
Dimensions
(inches)
MIN
.170
.014
.014
.175
.125
.080
.095
.045
.500
NOM
-
-
-
-
-
-
-
-
-
MAX
.210
.022
.022
.205
.165
.105
.105
.055
.610*
JEDEC Registration TO-92.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO92N3, Version E041009.
Seating
Plane
1
2
3
Front View
Side View
Bottom View
E1
E
D
e1
L
e
c
1
2
3
b
A



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com