전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE1801 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 STMPE1801
상세설명  Xpander Logic™ 18-bit enhanced port expander with keypad controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1801 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button STMPE1801 Datasheet HTML 52Page - STMicroelectronics STMPE1801 Datasheet HTML 53Page - STMicroelectronics STMPE1801 Datasheet HTML 54Page - STMicroelectronics STMPE1801 Datasheet HTML 55Page - STMicroelectronics STMPE1801 Datasheet HTML 56Page - STMicroelectronics STMPE1801 Datasheet HTML 57Page - STMicroelectronics STMPE1801 Datasheet HTML 58Page - STMicroelectronics STMPE1801 Datasheet HTML 59Page - STMicroelectronics STMPE1801 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
STMPE1801
Package mechanical data
Doc ID 17884 Rev 3
57/60
Table 16.
Carrier tape specifications
Symbol
Millimeters
Min
Typ
Max
A0
2.06
2.11
2.16
B0
2.06
2.11
2.16
K0
0.64
0.69
0.74
F
3.45
3.50
3.55
W
7.90
8.00
8.30
P2
1.95
2.00
2.05
P0
3.90
4.00
4.10
10P0
39.80
40.00
40.20
D0
1.50
1.55
1.60
T
0.185
0.200
0.215
P
3.90
4.00
4.10
Table 17.
Tape width (millimeters)
Tape width
A
N
W1
W2
W3
max
min
max
max
min
max
8
180
60
8,4
14.4
7.9
10.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60