전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NHIXP435AD 데이터시트(PDF) 24 Page - Intel Corporation

부품명 NHIXP435AD
상세설명  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD 데이터시트(HTML) 24 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation NHIXP435AD Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
6.0 Specification Changes
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
24
Order Number: 316847; Revision: 005US
Guidelines, the TVA4 timing specification shows a minimum time of 2020 ps. The
minimum timing for TVA4 should be 1650 ps. The tables will be replaced as below.
Affected Docs:Intel® IXP43X Product Line of Network Processors Datasheet and Intel® IXP43X
Product Line of Network Processors Hardware Design Guidelines.
Table: DDRII-400MHz Interface - Signal Timings
Symbol
Parameter
Min.
Nominal
Max.
Units
Notes
TVB4
DQ, CB, and DM read input valid time before DQS rising or
falling edges
-480 ps
ps
2
TVA4
DQ, CB, and DM read input valid time after DQS rising or
falling edges
1650 ps
ps
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24