전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NHIXP435AD 데이터시트(PDF) 6 Page - Intel Corporation

부품명 NHIXP435AD
상세설명  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD 데이터시트(HTML) 6 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 2Page - Intel Corporation NHIXP435AD Datasheet HTML 3Page - Intel Corporation NHIXP435AD Datasheet HTML 4Page - Intel Corporation NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation NHIXP435AD Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2.0 Summary Table of Changes
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
6
Order Number: 316847; Revision: 005US
2.0
Summary Table of Changes
The following tables indicate the errata, specification changes, specification
clarifications, or documentation changes that apply to the Intel® IXP43X Product Line
of Network Processors. Intel may fix some of the errata in a future stepping of the
component, and account for the other outstanding issues through documentation or
specification changes as noted.
The summary tables use the following notations:
2.1
Codes Used in Summary Tables
2.1.1
Stepping
X:
This erratum exists in the stepping indicated.
Specification Change or Clarification that applies to this
stepping.
(No mark)
or (Blank box):
This erratum is fixed in listed stepping or specification change
does not apply to listed stepping.
N/A
This erratum or document update is not applicable to this
stepping of the silicon
2.1.2
Page
(Page):
Page location of the item in this document.
2.1.3
Status
Doc:
Document change or update will be implemented.
Fix:
This erratum is intended to be fixed in a future stepping of the
component.
Fixed:
This erratum has been fixed for all steppings that are still being
shipped.
No Fix:
This erratum has no plans of being fixed.
Plan Fix:
This erratum may be fixed in a future stepping of the product.
Varies:
This erratum applies to multiple steppings or devices and the
erratum status varies between all steppings that are still being
shipped.
2.1.4
Row
Change bar to left of table row indicates this erratum is either
new or modified from the previous version of the document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24