전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW33N60M2 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STW33N60M2
상세설명  N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW33N60M2 데이터시트(HTML) 4 Page - STMicroelectronics

  STW33N60M2 Datasheet HTML 1Page - STMicroelectronics STW33N60M2 Datasheet HTML 2Page - STMicroelectronics STW33N60M2 Datasheet HTML 3Page - STMicroelectronics STW33N60M2 Datasheet HTML 4Page - STMicroelectronics STW33N60M2 Datasheet HTML 5Page - STMicroelectronics STW33N60M2 Datasheet HTML 6Page - STMicroelectronics STW33N60M2 Datasheet HTML 7Page - STMicroelectronics STW33N60M2 Datasheet HTML 8Page - STMicroelectronics STW33N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STF33N60M2, STI33N60M2, STP33N60M2, STW33N60M2
4/19
DocID024298 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
VDS = 600 V, TC=125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 13 A
0.108
0.125
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
1781
-
pF
Coss
Output capacitance
-
85
-
pF
Crss
Reverse transfer
capacitance
-2.5
-
pF
Coss eq.
(1)
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss
when VDS increases from 0 to 80% VDSS
Equivalent output
capacitance
VDS = 0 to 480 V, VGS = 0
-
135
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
5.2
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 26 A,
VGS = 10 V
(see Figure 19)
-
45.5
-
nC
Qgs
Gate-source charge
-
9.9
-
nC
Qgd
Gate-drain charge
-
18.5
-
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 13 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18 and
Figure 23)
-16
-
ns
tr(v)
Voltage rise time
-
9.6
-
ns
td(off)
Turn-off-delay time
-
109
-
ns
tf(i)
Fall time
-
9
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com