전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW33N60M2 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STW33N60M2
상세설명  N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW33N60M2 데이터시트(HTML) 5 Page - STMicroelectronics

  STW33N60M2 Datasheet HTML 1Page - STMicroelectronics STW33N60M2 Datasheet HTML 2Page - STMicroelectronics STW33N60M2 Datasheet HTML 3Page - STMicroelectronics STW33N60M2 Datasheet HTML 4Page - STMicroelectronics STW33N60M2 Datasheet HTML 5Page - STMicroelectronics STW33N60M2 Datasheet HTML 6Page - STMicroelectronics STW33N60M2 Datasheet HTML 7Page - STMicroelectronics STW33N60M2 Datasheet HTML 8Page - STMicroelectronics STW33N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID024298 Rev 2
5/19
STF33N60M2, STI33N60M2, STP33N60M2, STW33N60M2
Electrical characteristics
19
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
26
A
ISDM
(1)
1. Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
104
A
VSD
(2)
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 26 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 26 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 23)
-
375
ns
Qrr
Reverse recovery charge
-
5.6
µC
IRRM
Reverse recovery current
-
30
A
trr
Reverse recovery time
ISD = 26 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 23)
-
478
ns
Qrr
Reverse recovery charge
-
7.7
µC
IRRM
Reverse recovery current
-
32.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com