전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5724C 데이터시트(PDF) 2 Page - ATMEL Corporation

부품명 ATA5724C
상세설명  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5724C 데이터시트(HTML) 2 Page - ATMEL Corporation

  ATA5724C_14 Datasheet HTML 1Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 2Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ATA5723C/ATA5724C/ATA5728C [DATASHEET]
9248D–RKE–10/14
2
Low power consumption due to configurable polling
Temperature range –40°C to +105°C
ESD protection 2kV HBM, all pins
Communication to microcontroller possible using a single bi-directional data line
Low-cost solution due to high integration level with minimum external circuitry requirements
Supply voltage range 4.5V to 5.5V
Benefits
Low BOM list due to high integration
Use of low-cost 13MHz crystal
Lowest average current consumption for application due to self polling feature
Reuse of Atmel® ATA5743 software
World-wide coverage with one PCB due to 3 versions are pin compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com