전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA5724C 데이터시트(PDF) 5 Page - ATMEL Corporation

부품명 ATA5724C
상세설명  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5724C 데이터시트(HTML) 5 Page - ATMEL Corporation

  ATA5724C_14 Datasheet HTML 1Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 2Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 3Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 4Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 5Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 6Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 7Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 8Page - ATMEL Corporation ATA5724C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
ATA5723C/ATA5724C/ATA5728C [DATASHEET]
9248D–RKE–10/14
3.
RF Front-end
The RF front-end of the receiver is a low-IF heterodyne configuration that converts the input signal into about 1MHz IF signal
with a typical image rejection of 30dB. According to Figure Figure 1-2 on page 3 the front-end consists of an LNA (low noise
amplifier), LO (local oscillator), I/Q mixer, polyphase low-pass filter and an IF amplifier.
The PLL generates the drive frequency fLO for the mixer using a fully integrated synthesizer with integrated low noise
LC-VCO (voltage controlled oscillator) and PLL-loop filter. The XTO (crystal oscillator) generates the reference frequency
fREF =fXTO/2 (868MHz and 433MHz versions) or fREF =fXTO/3 (315MHz version). The integrated LC-VCO generates two or
four times the mixer drive frequency fVCO. The I/Q signals for the mixer are generated with a divide by two or four circuit
(fLO =fVCO/2 for 868MHz version, fLO =fVCO/4 for 433MHz and 315MHz versions). fVCO is divided by a factor of 128 or 64 and
feeds into a phase frequency detector and is compared with fREF. The output of the phase frequency detector is fed into an
integrated loop filter and thereby generates the control voltage for the VCO. If fLO is determined, fXTO can be calculated using
the following formula:
fREF =fLO/128 for 868MHz band, fREF =fLO/64 for 433MHz bands, fREF =fLO/64 for 315MHz bands.
The XTO is a two-pin oscillator that operates at the series resonance of the quartz crystal with high current but low voltage
signal, so that there is only a small voltage at the crystal oscillator frequency at pins XTAL1 and XTAL2. According to
Figure 3-1, the crystal should be connected to GND with two capacitors CL1 and CL2 from XTAL1 and XTAL2 respectively.
The value of these capacitors are recommended by the crystal supplier. Due to an inductive impedance at steady state
oscillation and some PCB parasitics, a lower value of CL1 and CL2 is normally necessary.
The value of CLx should be optimized for the individual board layout to achieve the exact value of fXTO and hence of fLO. (The
best way is to use a crystal with known load resonance frequency to find the right value for this capacitor.) When designing
the system in terms of receiving bandwidth and local oscillator accuracy, the accuracy of the crystal and the XTO must be
considered.
Figure 3-1. XTO Peripherals
The nominal frequency fLO is determined by the RF input frequency fRF and the IF frequency fIF using the following formula
(low-side injection):
fLO = fRF – fIF
To determine fLO, the construction of the IF filter must be considered. The nominal IF frequency is fIF = 950kHz. To achieve a
good accuracy of the filter corner frequencies, the filter is tuned by the crystal frequency fXTO. This means that there is a fixed
relationship between fIF and fLO.
fIF = fLO/318 for the 315MHz band (Atmel
® ATA5723C)
fIF = fLO/438 for the 433.92MHz band (Atmel ATA5724C)
fIF = fLO/915 for the 868.3MHz band (Atmel ATA5728C)
The relationship is designed to achieve the nominal IF frequency of:
fIF = 987kHz for the 315MHz and BIF = 300kHz (Atmel ATA5723C)
fIF = 987kHz for the 433.92MHz and BIF = 300kHz (Atmel ATA5724C)
fIF = 947.8kHz for the 868.3MHz and BIF = 600kHz (Atmel ATA5728C)
The RF input either from an antenna or from an RF generator must be transformed to the RF input pin LNA_IN. The input
impedance of this pin is provided in the electrical parameters. The parasitic board inductances and capacitances influence
the input matching. The RF receiver Atmel ATA5723C/ATA5724C/ATA5728C exhibits its highest sensitivity if the LNA is
power matched. Because of this, matching to a SAW filter, a 50
Ω or an antenna is easier. Figure 14-1 on page 29 shows a
typical input matching network for fRF = 315MHz, fRF = 433.92MHz or fRF = 868.3MHz to 50Ω. The input matching network
shown in Table 14-2 on page 29 is the reference network for the parameters given in the electrical characteristics.
XTAL2
TEST2
TEST3
XTAL1
DVCC
VS
CL2
CL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com