전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC402S 데이터시트(PDF) 22 Page - 3M Electronics

부품명 SC402S
상세설명  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

SC402S 데이터시트(HTML) 22 Page - 3M Electronics

Back Button SC402S Datasheet HTML 18Page - 3M Electronics SC402S Datasheet HTML 19Page - 3M Electronics SC402S Datasheet HTML 20Page - 3M Electronics SC402S Datasheet HTML 21Page - 3M Electronics SC402S Datasheet HTML 22Page - 3M Electronics SC402S Datasheet HTML 23Page - 3M Electronics SC402S Datasheet HTML 24Page - 3M Electronics SC402S Datasheet HTML 25Page - 3M Electronics SC402S Datasheet HTML 26Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
3M™ MicroTouch™ Controller RX142 Reference Guide
3M Touch Systems, Inc. Proprietary Information
The low order bits (X3 – X0 and Y3 – Y0) are not significant in a 1024 by 1024 sensor
because data can fluctuate with each touch, and therefore may not be completely
accurate.
Table 4 Data Sequence
MSB
Bits
LSB
Data Sequence 7
6
5
4
3
2
1
0
S
Byte 1
1
S6
S5
S4
S3
S2
S1
S0
X
Byte 2
0
X6
X5
X4
X3
X2
X1
X0
X
Byte 3
0
X13 X12 X11
X10
X9
X8
X7
Y
Byte 4
0
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Y
Byte 5
0
Y13 Y12 Y11
Y10
Y9
Y8
Y7
Table 5 defines the status bits (Byte 1) for the Format Tablet data.
Table 5 Format Tablet Status Bits
Bit
Description
Values
S0 – S5 Reserved
—
S6
Proximity (touch state) 1 = Sensor is being touched (a touchdown or a continued touch).
0 = Sensor is not being touched (a touch liftoff or inactive).
When the proximity bit changes from 1 to 0 (touch liftoff), the
controller outputs one final set of X/Y coordinate data with the bit
equal to 0 and the X/Y coordinate data equal to the last touch point.
S7
Packet synchronization Always 1.
Get Controller Number
Syntax:
<SOH>Q002<CR>
Response:
<SOH>XXXXXXXX<CR> Where each X is a hexadecimal digit, most significant digit
first.
Description:
This command is used to get a controller number for applications use. The controller does
not use this value. This is useful for identifying individual controllers in a multiple
controller system.
Mode Stream
Syntax:
<SOH>MS<CR>
Response:
<SOH>0<CR>
Positive response.
The controller will respond with ACK for compatibility with older controllers. This
format is the only format supported by this controller.
Description:
Sends a continuous stream of X/Y coordinate data when you touch the sensor. The
controller continues to send data as long as you touch the sensor. The controller sends the
data even if the touch is stationary and unchanging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29