전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSC1959SP 데이터시트(PDF) 2 Page - Hi-Sincerity Mocroelectronics

부품명 HSC1959SP
상세설명  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC1959SP 데이터시트(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSC1959SP Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC1959SP Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC1959SP Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HSP200203
Issued Date : 1998.01.06
Revised Date : 2002.03.04
Page No. : 2/3
HSC1959SP
HSMC Product Specification
Characteristics Curve
Current Gain & Collector Current
10
100
1000
1
10
100
1000
Collector Current-IC (mA)
hFE @ VCE=1V
25
oC
75
oC
125
oC
Current Gain & Collector Current
10
100
1000
1
10
100
1000
Collector Current-IC (mA)
hFE @ VCE=6V
25
oC
75
oC
125
oC
Saturation Voltage & Collector Current
10
100
1000
1
10
100
1000
Collector Current-IC (mA)
VCE(sat) @ IC=10IB
25
oC
75
oC
125
oC
ON Voltage & Collector Current
100
1000
1
10
100
1000
Collector Current-IC (mA)
VBE(ON) @ VCE=1V
25
oC
75
oC
125
oC



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com