| 전자부품 데이터시트 검색엔진 |
|
GL6965 데이터시트(PDF) 17 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GL6965 데이터시트(HTML) 17 Page - Hynix Semiconductor |
|
17 / 23 page ![]() GL6965 17 5. AC Impedance UP control. (1) Application for AC impedance up control - The AC Impedance (ZAC) can be increased by using AC Bias terminal (Pin ¨ ê ). - The AC Impedance up amount is determined by the external resistors R1, R2 value. : (2) The AC impedance is ) R + R R ( R 1 R 1 1 ¡Ö IL VL ¡Ö 2 A 1 A 2 A 4 2 Z AC R4 15¥ Ø R2 620¥ Ø R1 43¥ Ø C8 220 µF 0.1 µF RA2 RA1 1 3 2 4 20 - 1 ZAC C VL + |