전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS1892 데이터시트(PDF) 127 Page - Integrated Circuit Systems

부품명 ICS1892
상세설명  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 데이터시트(HTML) 127 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 123Page - Integrated Circuit Systems ICS1892 Datasheet HTML 124Page - Integrated Circuit Systems ICS1892 Datasheet HTML 125Page - Integrated Circuit Systems ICS1892 Datasheet HTML 126Page - Integrated Circuit Systems ICS1892 Datasheet HTML 127Page - Integrated Circuit Systems ICS1892 Datasheet HTML 128Page - Integrated Circuit Systems ICS1892 Datasheet HTML 129Page - Integrated Circuit Systems ICS1892 Datasheet HTML 130Page - Integrated Circuit Systems ICS1892 Datasheet HTML 131Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 148 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1892, Rev. D, 2/26/01
February 26, 2001
127
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.4
100M MII / 100M Stream Interface: Synchronous Transmit Timing
Table 10-11 lists the significant time periods for the 100M MII / 100M Stream Interface synchronous
transmit timing (which consists of timings of signals on the TXD[3:0], TXEN, TXER, and TXCLK pins).
Figure 10-4 shows the timing diagram for the time periods.
Figure 10-4.
100M MII / 100M Stream Interface Synchronous Transmit Timing Diagram
Table 10-11.
100M MII / 100M Stream Interface: Synchronous Transmit Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
TXD[3:0], TXEN, TXER Setup to TXCLK Rise
–
15
–
–
ns
t2
TXD[3:0], TXEN, TXER Hold after TXCLK Rise
–
0
–
–
ns
TXCLK
TXD[3:0]
TXEN
TXER
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More