| 전자부품 데이터시트 검색엔진 |
|
ICS1892 데이터시트(PDF) 140 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 데이터시트(HTML) 140 Page - Integrated Circuit Systems |
|
140 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 140 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.17 Reset: Hardware Reset and Power-Down Table 10-24 lists the significant time periods for the hardware reset and power-down reset (which consists of timings of signals on the REF_IN, RESET*, and TXCLK pins). Figure 10-17 shows the timing diagram for the time periods. Figure 10-17. Hardware Reset and Power-Down Timing Diagram Table 10-24. Hardware Reset and Power-Down Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 RESET* Active to Device Isolation and Initialization –– 65 – ns t2 Minimum RESET* Pulse Width – 200 – – ns t3 RESET* Released to TXCLK Valid – – 53 200 ms REF_IN RESET* TXCLK Valid Power Consumption (AC only) t1 t2 t3 |