전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT697F 데이터시트(PDF) 9 Page - ATMEL Corporation

부품명 AT697F
상세설명  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F 데이터시트(HTML) 9 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation AT697F_14 Datasheet HTML 10Page - ATMEL Corporation AT697F_14 Datasheet HTML 11Page - ATMEL Corporation AT697F_14 Datasheet HTML 12Page - ATMEL Corporation AT697F_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
9
AT697F
7703E–AERO–08/11
TMS - Test Mode select (input with pull-up)
This synchronous input is used to control the state of the TAP controller in the device.
TDI - Test data input (input with pull-up)
This input is used to serially shift test data and test instructions into the device during
TAP operation.
TDO - Test data output (tri-statable output with pull-up)
This input is used to serially shift test data and test instructions out of the device during
TAP operation.
Power Supply
VCC33 - I/O power (supply)
Power supply for the I/O pins.
VSS33 - I/O ground (supply)
Ground supply for the I/O pins.
VDD18 - Core power (supply)
Power supply for the processor core.
VSS18 - Core ground (supply)
Ground supply for the processor core.
VDD_PLL - PLL power (supply)
Power supply for the PLL.
VSS_PLL - PLL ground (supply)
Ground supply for the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com