전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7013XP-E 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 VNH7013XP-E
상세설명  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 2Page - STMicroelectronics VNH7013XP-E Datasheet HTML 3Page - STMicroelectronics VNH7013XP-E Datasheet HTML 4Page - STMicroelectronics VNH7013XP-E Datasheet HTML 5Page - STMicroelectronics VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics VNH7013XP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Block diagram and pin description
VNH7013XP-E
6/24
Doc ID 022370 Rev 3
Table 2.
Pin definitions and functions
Pin number
Symbol
Function
1
Gate 4
Gate of the LSD 4
2, 8
Drain 4
Drain of the LSD 4
3, 4, 5, 6, 7, 9
Source 4
Source of the LSD 4
10
TSA+
Thermal sensor anode
11, 12, 14, 15,
16, 17
Source 2
Source of the HSD 2
13
Drain 2
Drain of the HSD 2
18
Gate 2
Gate of the HSD 2
19
Gate 1
Gate of the HSD 1
20, 21, 22, 23,
25, 26
Source 1
Source of the HSD 1
24
Drain 1
Drain of the HSD 1
27
TSK-
Thermal sensor cathode
28, 30, 31, 32,
33, 34
Source 3
Source of the LSD 3
29, 35
Drain 3
Drain of the LSD 3
36
Gate 3
Gate of the LSD 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24