전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960HT 데이터시트(PDF) 96 Page - Intel Corporation

부품명 80960HT
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT 데이터시트(HTML) 96 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 92Page - Intel Corporation 80960HT Datasheet HTML 93Page - Intel Corporation 80960HT Datasheet HTML 94Page - Intel Corporation 80960HT Datasheet HTML 95Page - Intel Corporation 80960HT Datasheet HTML 96Page - Intel Corporation 80960HT Datasheet HTML 97Page - Intel Corporation 80960HT Datasheet HTML 98Page - Intel Corporation 80960HT Datasheet HTML 99Page - Intel Corporation 80960HT Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
80960HA/HD/HT
90
Advance Information Datasheet
VCC1
: linkage bit_vector(0 to 23);
VCC2
: linkage bit_vector(0 to 23);
VSS1
: linkage bit_vector(0 to 23);
VSS2
: linkage bit_vector(0 to 23)
);
use STD_1149_1_1990.all;
use i960ha_a.all;
attribute PIN_MAP of Ha_Processor : entity is PHYSICAL_PIN_MAP;
constant PQ2:PIN_MAP_STRING :=
“A
: (151, 150, 147, 146, 145, 144, 141, 140, 139, 138,”&
“
135, 134, 133, 132, 127, 126, 125, 124, 121, 120,”&
“
119, 118, 113, 112, 111, 110, 107, 106, 105, 104),”&
“ADSBAR
: 77,”&
“BEBAR
: (83, 82, 79, 78),”&
“BLASTBAR
: 84,”&
“BOFFBAR
: 10,”&
“BREQ
: 100,”&
“BSTALL
: 91,”&
“BTERMBAR
: 67,”&
“CT
: (183, 182, 181, 180),”&
“CLKIN
: 175,”&
“D
: (12, 13, 14, 15, 20, 21, 22, 23, 26, 27, 28, 29,”&
“
34, 35, 36, 37, 39, 40, 41, 42, 45, 50, 51, 52,”&
“
54, 55, 56, 57, 61, 62, 63, 64),”&
“DENBAR
: 85,”&
“DP
: (206, 207, 203, 202),”&
“DTRBAR
: 89,”&
“DCBAR
: 96,”&
“FAILBAR
: 5,”&
“HOLD
: 69,”&
“HOLDA
: 72,”&
“LOCKBAR
: 99,”&
“NMIBAR
: 159,”&
Example 2. Boundary-Scan Description Language (BSDL) for PQ2 Package Example (Sheet 3 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More