전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80960HT 데이터시트(PDF) 71 Page - Intel Corporation

부품명 80960HT
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT 데이터시트(HTML) 71 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 67Page - Intel Corporation 80960HT Datasheet HTML 68Page - Intel Corporation 80960HT Datasheet HTML 69Page - Intel Corporation 80960HT Datasheet HTML 70Page - Intel Corporation 80960HT Datasheet HTML 71Page - Intel Corporation 80960HT Datasheet HTML 72Page - Intel Corporation 80960HT Datasheet HTML 73Page - Intel Corporation 80960HT Datasheet HTML 74Page - Intel Corporation 80960HT Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
65
Figure 48. Terminating a Burst with BTERM
CLKIN
ADS
A31:4, SUP,
DT/R
DEN
READY
W/R
CT3:0, D/C,
BLAST
BTERM
A3:2
WAIT
D31:0,
BE3:0,LOCK
D0
D1
D2
D3
Valid
Quad-Word Read Request
NRAD =0, NRDD =0, NRDA =0
Ready Enabled
00
01
10
11
Note:READY adds memory access time to data transfers, whether or not the
bus access is a burst access. BTERM interrupts a bus access, whether or not
the bus access has more data transfers pending. Either the READY signal or
the BTERM signal terminates a bus access when the signal is asserted during
the last (or only) data transfer of the bus access.
See Note
DP3:0
PCHK
D1
A
D
1
D
AA
1
D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More