전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C186EB 데이터시트(PDF) 16 Page - Intel Corporation

부품명 80C186EB
상세설명  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB 데이터시트(HTML) 16 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 12Page - Intel Corporation 80C186EB Datasheet HTML 13Page - Intel Corporation 80C186EB Datasheet HTML 14Page - Intel Corporation 80C186EB Datasheet HTML 15Page - Intel Corporation 80C186EB Datasheet HTML 16Page - Intel Corporation 80C186EB Datasheet HTML 17Page - Intel Corporation 80C186EB Datasheet HTML 18Page - Intel Corporation 80C186EB Datasheet HTML 19Page - Intel Corporation 80C186EB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
272433 – 5
NOTE
This is the FPO number location (indicated by X’s)
Pin names in parentheses apply to the 80C188EB80L188EB
Figure 4 84-Pin Plastic Leaded Chip Carrier Pinout Diagram
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59