전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C186EB 데이터시트(PDF) 18 Page - Intel Corporation

부품명 80C186EB
상세설명  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB 데이터시트(HTML) 18 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 14Page - Intel Corporation 80C186EB Datasheet HTML 15Page - Intel Corporation 80C186EB Datasheet HTML 16Page - Intel Corporation 80C186EB Datasheet HTML 17Page - Intel Corporation 80C186EB Datasheet HTML 18Page - Intel Corporation 80C186EB Datasheet HTML 19Page - Intel Corporation 80C186EB Datasheet HTML 20Page - Intel Corporation 80C186EB Datasheet HTML 21Page - Intel Corporation 80C186EB Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 7 QFP Package Location with Pin Names
Location
Name
1
CTS0
2
TXD0
3
RXD0
4
P25BCLK0
5
P23SINT1
6
P24CTS1
7
P20RXD1
8
P21TXD1
9
P22BCLK1
10
AD0
11
AD8 (A8)
12
VSS
13
VCC
14
VSS
15
AD1
16
AD9 (A9)
17
AD2
18
AD10 (A10)
19
AD3
20
AD11 (A11)
Location
Name
21
AD4
22
AD12 (A12)
23
AD5
24
AD13 (A13)
25
AD6
26
AD14 (A14)
27
AD7
28
AD15 (A15)
29
A16
30
A17
31
A18
32
A19ONCE
33
VSS
34
VCC
35
VSS
36
RD
37
WR
38
ALE
39
BHE (RFSH)
40
S2
Location
Name
41
S1
42
S0
43
DEN
44
HLDA
45
HOLD
46
TEST
47
LOCK
48
NMI
49
READY
50
P17GCS7
51
P16GCS6
52
P15GCS5
53
VSS
54
VCC
55
P14GCS4
56
P13GCS3
57
P12GCS2
58
P11GCS1
59
P10GCS0
60
LCS
Location
Name
61
UCS
62
INT0
63
INT1
64
INT2INTA0
65
INT3INTA1
66
INT4
67
PDTMR
68
RESIN
69
RESOUT
70
OSCOUT
71
CLKIN
72
VCC
73
VSS
74
CLKOUT
75
T0OUT
76
T0IN
77
T1OUT
78
T1IN
79
P27
80
P26
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
18
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59