전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC80960HA33SL2GV 데이터시트(PDF) 72 Page - Intel Corporation

부품명 FC80960HA33SL2GV
상세설명  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HA33SL2GV 데이터시트(HTML) 72 Page - Intel Corporation

Back Button FC80960HA33SL2GV Datasheet HTML 68Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 69Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 70Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 71Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 72Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 73Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 74Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 75Page - Intel Corporation FC80960HA33SL2GV Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
80960HA/HD/HT
66
Advance Information Datasheet
The processor can stall (BSTALL asserted) even with an empty bus queue (BREQ deasserted).
Depending on the instruction stream and memory wait states, the two signals can be separated by
several CLKIN cycles.
Bus arbitration logic that logically “ANDs” BSTALL and BREQ will not correctly grant the bus to
the processor in all stall cases, potentially degrading processor performance.
Do not logically “AND” BSTALL and BREQ together in arbitration logic. Instead, the simplest
bus arbitration should logically “OR” BSTALL and BREQ to determine the processor’s bus
ownership requirements.
More sophisticated arbitration should recognize the priority nature of these two signals. Using a
traffic light analogy, BREQ is a “yellow light” warning of a possible processor stall and BSTALL
is a “red light” indicating a stall in progress.
Figure 49. BREQ and BSTALL Operation
CLKIN
ADS
BLAST
BREQ
BSTALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More