| 전자부품 데이터시트 검색엔진 |
|
FC80960HA33SL2GV 데이터시트(PDF) 70 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HA33SL2GV 데이터시트(HTML) 70 Page - Intel Corporation |
|
70 / 102 page ![]() 80960HA/HD/HT 64 Advance Information Datasheet Figure 47. Using External READY CLKIN ADS A31:4, SUP, DT/R DEN READY W/R CT3:0, D/C, BLAST BTERM A3:2 WAIT D31:0, BE3:0,LOCK D0 D1 D2 D3 D0 D1 D2 D3 00 01 10 11 00 01 10 11 Valid Valid Quad-Word Read Request NRAD =0,NRDD =0,NXDA =0 Ready Enabled Quad-Word Write Request NWAD =1, NWDD =0,NWDA =0 Ready Enabled DP3:0 PCHK A1 D D D D 1 A 2 D1 D1 D 1 D NOTE: Pipelining must be disabled to use READY. |